PART |
Description |
Maker |
AME8841REHA AME8841 AME8841AEHA AME8841BEHA AME884 |
Output voltage: 1.5V; 600mA CMOS LDO Output voltage: 3.1V; 600mA CMOS LDO Output voltage: 2.9V; 600mA CMOS LDO Circular Connector; No. of Contacts:100; Series:MS27466; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:23; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 600毫安的CMOS LDO稳压 Output voltage: 2.85V; 600mA CMOS LDO Output voltage: 3.7V; 600mA CMOS LDO
|
AME[Analog Microelectronics] AME, Inc.
|
RE024 |
RE024 [Updated 2/03. 11 Pages] A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.8V output voltage. rated for loads of up A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.8V output voltage, rated for loads of up to 160 mA and as low as 5 mA. A typical application is radio section supply in mobile terminals.
|
Atmel
|
MIC5254-SJBMM MIC5254-SJYMM MIC5254-SJBMMTR |
Dual 150mA μCap LDO with Error Flag Outputs DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Micrel Semiconductor MICREL INC
|
APE8838RGN2-HF |
DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6 2 X 2 MM, HALOGEN AND LEAD FREE, DFN-6 DUAL CHANNEL LDO REGULATORS WITH ENABLE
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp.
|
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
MSK5200-ETU MSK5200-ZU MSK5200-ZD |
DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS DUAL OUTPUT, FIXED MIXED LDO REGULATOR, SFM5
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|
MIC5330-2.9/1.8YML MIC5330-2.9/1.5YML MIC5330-3.3/ |
Dual, 300mA UCap LDO in 2mm x 2mm MLF DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO8
|
Micrel Semiconductor, Inc. MICREL INC
|
ISL9000AMRNCEP |
Dual LDO with Low Noise, Very High PSRR and Low IQ DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
MIC2211-GPYMLTR MIC2211-AABML MIC2211-NNBMLTR |
DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO10 Dual UCap LDO in 3mm ??3mm MLF??/span>
|
MICREL INC
|
ISL9014IRBBZ |
Dual LDO with Low Noise, Low IQ, and High PSRR DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
RE029 |
A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 1.8V output voltage, rated for loads of up to 80 mA and as low as 5 mA. A typical application is baseband memory in mobile terminals.
|
Atmel
|
CS8361YDWFR16 CS8361YDWF16 CS8361YDPSR7 |
5.0V/100mA & Tracker/200mA Dual LDO w/ Enable and Reset; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO16 5.0V/100mA & Tracker/200mA Dual LDO w/ Enable and Reset; Package: SO-16 WB; No of Pins: 16; Container: Rail; Qty per Container: 47 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO16 5.0V/100mA & Tracker/200mA Dual LDO w/ Enable and Reset; Package: D2PAK-7 (Short Lead); No of Pins: 7; Container: Tape and Reel; Qty per Container: 750 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PSSO7
|
ON Semiconductor
|